PART |
Description |
Maker |
BD0810J50150A00 D0810J50150A00 |
800 MHz - 1000 MHz RF TRANSFORMER Ultra Low Profile 0805 Balun 50ヘ to 150ヘ Balanced Ultra Low Profile 0805 Balun 50Ω to 150Ω Balanced
|
ANAREN INC Anaren Microwave
|
BD2425N5075A50 |
Ultra Low Profile 0404 Balun 50Ω to 75Ω Balanced Ultra Low Profile 0404 Balun 50ヘ to 75ヘ Balanced
|
Anaren Microwave
|
BD3150L50100A00 |
Ultra Small Low Profile 0603 Balun 50Ω to 100Ω Balanced Ultra Small Low Profile 0603 Balun 50ヘ to 100ヘ Balanced
|
Anaren Microwave
|
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
HLMP-1550 HLMP-1550-1.00000 HLMP-1550-1.00001 HLMP |
Half pitch interface connectors (HRS unique); HRS No: 230-1022-7 50; Connector Type: Cable; Contact Mating Area Plating: Gold Low Profile T-1 (3 mm) LED Lamps HLMP-1350-C0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350-C0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-BC000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350 · Low Profile T-1 (3 mm) LED Lamp
|
发光二极 Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
IRF7702GPBF IRF7703GPBF |
HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
|
International Rectifier
|
ABLS-LR24000MHZN4UT ABLS-LR24000MHZL4UT ABLS-LR240 |
HC/49US (AT49) ULTRA LOW ESR SMD LOW PROFILE CRYSTAL
|
Abracon Corporation
|
BD2425J50100AHF |
Ultra Low Profile 0805 Balun
|
Anaren Microwave
|
B3D10 |
Ultra-low Profile Dome Key
|
Omron Electronics LLC
|
MS-100198 106-1222 106-1224 106-1228 |
Ultra-Low Profile DIP Switches
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC]
|
BD0205F5050A00 |
Ultra Low Profile 1608 Balun
|
Anaren Microwave
|